Part Number Hot Search : 
14KESD10 T89C5 2W47RJ 73050 RF100 1035C 16800 MTB60
Product Description
Full Text Search
 

To Download SDR0403-3R3ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr0403 series - smd power inductors *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. ( ? ? ) max. typ. (mhz) (mhz) (a) (a) sdr0403-1r0ml 1.0 20 28 7.96 150 0.033 3.80 5.50 sdr0403-1r4ml 1.4 20 28 7.96 110 0.038 3.30 5.10 sdr0403-1r8ml 1.8 20 28 7.96 90 0.042 2.91 4.40 sdr0403-2r2ml 2.2 20 28 7.96 80 0.047 2.60 3.90 sdr0403-2r7ml 2.7 20 28 7.96 75 0.052 2.43 3.50 SDR0403-3R3ML 3.3 20 28 7.96 65 0.058 2.15 3.00 sdr0403-3r9ml 3.9 20 28 7.96 55 0.076 1.98 2.70 sdr0403-4r7ml 4.7 20 28 7.96 50 0.094 1.70 2.60 sdr0403-5r6ml 5.6 20 28 7.96 45 0.10 1.60 2.40 sdr0403-6r8ml 6.8 20 28 7.96 40 0.12 1.41 2.10 sdr0403-8r2ml 8.2 20 28 7.96 36 0.13 1.26 1.90 sdr0403-100ml 10 20 28 2.52 33 0.18 1.15 1.70 sdr0403-120ml 12 20 28 2.52 30 0.21 1.05 1.60 sdr0403-150ml 15 20 28 2.52 28 0.24 0.92 1.40 sdr0403-180ml 18 20 25 2.52 23 0.34 0.84 1.30 sdr0403-220ml 22 20 25 2.52 20 0.38 0.76 1.20 sdr0403-270kl 27 10 23 2.52 17 0.52 0.71 1.00 sdr0403-330kl 33 10 23 2.52 15 0.54 0.64 0.99 sdr0403-390kl 39 10 20 2.52 14 0.59 0.59 0.92 sdr0403-470kl 47 10 20 2.52 13 0.84 0.54 0.78 sdr0403-560kl 56 10 20 2.52 12 0.94 0.50 0.74 sdr0403-680kl 68 10 20 2.52 11 1.12 0.46 0.68 sdr0403-820kl 82 10 25 2.52 10 1.27 0.42 0.58 sdr0403-101kl 100 10 35 0.796 9 1.90 0.35 0.51 sdr0403-121kl 120 10 50 0.796 8 2.20 0.32 0.44 sdr0403-151kl 150 10 50 0.796 8 3.40 0.26 0.40 sdr0403-181kl 180 10 50 0.796 5 3.90 0.24 0.39 sdr0403-221kl 220 10 50 0.796 4 4.40 0.22 0.33 sdr0403-271kl 270 10 45 0.796 3 5.00 0.20 0.30 sdr0403-331kl 330 10 40 1k 0.796 6.00 0.17 0.25 sdr0403-391kl 390 10 40 1k 0.796 6.40 0.15 0.22 sdr0403-471kl 470 10 50 1k 0.796 7.00 0.13 0.19 sdr0403-561kl 560 10 50 1k 0.796 7.80 0.12 0.18 sdr0403-681kl 680 10 40 1k 0.796 8.60 0.11 0.16 sdr0403-821kl 820 10 38 1k 0.796 12.00 0.10 0.15 sdr0403-102kl 1000 10 38 1k 0.796 14.00 0.09 0.13 features available in e12 series low profile of only 3.2 mm low inductance values rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout 4.5 0.3 (.177 .012) max. max. 3.2 0.3 (.126 .012) general specifications test voltage........................................1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core ........................................ferrite dr wire .............enameled copper wire 130 terminal.....................................ag/ni/sn rated current ....................ind. drop 10 % typ. at isat temperature rise ..................40 ? max. at rated irms packaging ..................2000 pcs. per reel 1.5 (.059) max. typ. 4.0 0.3 (.157 .012) 4.5 (.177) 1.5 (.059) 1.8 (.071) 1.8 (.071) typical part marking 100 start finish electrical schematic 14 dimensions: mm (inches)
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr0403 series - smd power inductors rev. 05/05 14.0 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 330.0 (12.992) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications end start user direction of feed 160 (6.299) no component no component components 3.4 (.134) 3200 (125.984) 400 (15.748) 4.0 (.157) 8.0 (.315) 12 (.472) 1.5 (.059) dia. 100 100 100 100 qty: 2000 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SDR0403-3R3ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X